Part Number Hot Search : 
94V10 ENA0710 1N5567B ETH06FP 2SD141 PE9601EK H15002JP ENA0710
Product Description
Full Text Search
 

To Download MBR2045CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBR20xxCT, MBRF20xxCT & MBRB20xxCT Series
Reverse Voltage 35 to 60 Volts Dual Schottky Barrier Rectifiers Forward Current 20.0 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Dual rectifier construction, positive center tap Metal silicon junction, majority carrier conduction Low power loss, high efficiency Guardring for overvoltage protection For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications High temperature soldering guaranteed: 250C/10 seconds, 0.25" (6.35mm) from case
Mechanical Data
Case: JEDEC TO-220AB, ITO-220AB & TO-263AB molded plastic body Terminals: Plated leads, solderable per MIL-STD-750, Method 2026 Polarity: As marked Mounting Position: Any Mounting Torque: 10 in-lbs maximum Weight: 0.08 ounce, 2.24 grams TO-220AB
ITO-220AB
TO-263AB(D2PAK)
Mounting Pad Layout TO-263AB
Dimensions in inches and (millimeters)
372
Maximum Ratings and Electrical Characteristics
( TC = 25oC unless otherwise noted )
Parameter Maximum repetitive peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forward rectified current at TC=135oC Total device Per leg
Symbol VRRM VRWM V DC IF(AV) IFRM IFSM IRRM dv/dt
MBR2035CT 35 35 35
MBR2045CT 45 45 45 20 10 20
MBR2050CT 50 50 50
MBR2060CT 60 60 60
Unit Volts Volts Volts Amps Amps Amps
Peak repetitive forward current per leg at (rated VR, sq. wave, 2.KHz) at TC=135oC Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) per leg Peak repetitive reverse surge current per leg at tp = 2.0us, 1KHz Voltage rate of change (rated VR) Maximum instantaneous forward voltage per leg (Note 4) at IF=10A, TC=25oC at IF=10A, TC=125oC at IF=20A, TC=25oC at IF=20A, TC=125oC Maximum reverse current at rated DC blocking voltage per leg (Note 4) TC=25oC TC=125 C
o
150 1.0 10,000 0.5
Amps V/us
VF 0.57 0.84 0.72 0.1 IR 15 RJC VISOL TJ TSTG
0.80 0.70 0.95 0.85 0.15 mA 150
o
Volt
Thermal resistance from junction to case per leg RMS Isolation voltage (MBRF type only) from terminals to heatsink with t = 1.0 second, RH < 30% Operating junction temperature range Storage temperature range
Notes:
MBR 2.0 / MBRF 5.0 / MBRB 2.0 4500 (Note 1) 3500 (Note 2) 1500 (Note 3) -55 to +150 -55 to +150
C/W
Volts
o
C C
o
1. Clip mounting (on case), where lead does not overlap heatsink with 0.110" offset 2. Clip mounting (on case), where leads do overlap heatsink 3. Screw mounting with 4-40 screw, where washer diameter is < 4.9 mm (0.19") 4. Pulse test: 300us pulse width, 1% duty cycle
373
RATINGS AND CHARACTERISTIC CURVES
( TA = 25oC unless otherwise noted )
374


▲Up To Search▲   

 
Price & Availability of MBR2045CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X